PART |
Description |
Maker |
A-2004-0-2-N A-2004-0-1-N A-2004-0-4-N |
Glass Filled Polyester Glass Filled Polyster
|
Assmann Electronics Inc...
|
A-USB-A-2P-C |
ASS 1360A CO Insulation: Glass Filled polyester UL94V-0, Color Black
|
Assmann Electronics Inc.
|
15-87-6050 |
Wire-To-Board Connector; Body Material:Polyester, Glass-filled; Color:Black 50 CONTACT(S), FEMALE, TELECOM AND DATACOM CONNECTOR, SOLDER, RECEPTACLE
|
Ecliptek, Corp.
|
90059-0009 |
Multipole Connector; No. of Contacts:2; Pitch Spacing:2.54mm; No. of Rows:1; Gender:Female; Series:90059; Body Material:Polyester, Glass-filled; Color:White; Connecting Termination:Crimp RoHS Compliant: Yes INTERCONNECTION DEVICE
|
Molex, Inc.
|
HCC40161B HCC40161BC1 HCC40161BEY HCC40161BF HCC40 |
Octal General-Purpose Interface Bus Transceiver 20-PDIP 0 to 70 SYNCHRONOUS PROGRAMMABLE 4-BIT COUNTERS 同步可编4位计数器 PCB Header; Series:929; Body Material:Glass-Filled Polyester; Leaded Process Compatible:Yes RoHS Compliant: Yes
|
ST Microelectronics STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
BD52XXG BD5247 BD5257 BD5256 BD5344 BD5241 BD5243 |
Static Monitor Jack; Features:Allows an operator to disconnect a ground cord from the wrist band and leave the workstation without deactivating Polarizing post; For Use With:N2500 series, 4-wall headers; Body Material:Glass-filled Polyester; Color:Beige; Features:Hi-temperature plastic RoHS Polarizing post; For Use With:N2500 series, 4-wall headers; Body Material:Glass-filled Polyester; Color:Black; Features:Low-temperature plastic RoHS Color Coded Flat Cable, 3302/25 28 AWG, .050 (1.27) ECONOLINE: RI - Custom Solutions Available- 1kVDC Isolation- No Extern. Components Required- UL94V-0 Package Material- No Heatsink Required- Efficiency to 87% Color Coded Flat Cable, 3302/10 28 AWG, .050 (1.27) 电压检测器IC VOLTAGE DETECTOR IC 电压检测器IC Insulating Tape; Tape Backing Material:PVC; Width:0.75"; Roll Length:20ft; Adhesive Material:Rubber RoHS Compliant: Yes 电压检测器IC Color Coded Flat Cable, 3302/34 28 AWG, .050 (1.27) 电压检测器IC Color Coded Flat Cable, 3302/09 28 AWG, .050 (1.27) 电压检测器IC Color Coded Flat Cable, 3302/18 28 AWG, .050 (1.27) 电压检测器IC
|
Rohm CO.,LTD. Electronic Theatre Controls, Inc. Microsemi, Corp.
|
14-56-2108 14-56-2248 |
CGrid SL IDT Opt G 30 SAu 10Ckt 10 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; Gender:Female; Number of Contacts:24; Series:70400; Body Material:PBT Polyester, Glass-filled; Color:Black; Connecting Termination:Insulation Displacement; Contact Current:3A; Contact Plating:Gold
|
Molex, Inc. MOLEX INC
|
87021-650 87021-640 87021-605 87021-610 87021-615 |
HOUSING MATERIAL: GLASS FILLED THERMOPLASTIC FLAME RETARDANT PER UL94V-0
|
FCI connector
|
KC820M200/AA KC820M20JE/AA |
8 CONTACT(S), GLASS FILLED POLYAMIDE, MALE, CIRCULAR CONNECTOR, SOLDER
|
POSITRONIC INDUSTRIES INC
|
TYPEBSERIES DBCDINF32BA1S2 DBCDINF64BA1S2 DBCDINF1 |
Glass filled polyester (PBT, UL flammability 94V-0) DIN 41612 TYPE B - MALE DIN 41612 TYPE B - MALE
|
Dubilier
|